inchange semiconductor product specification silicon pnp power transistors 2SB1273 description ? with to-220 package ? low collector saturation voltage applications ? designed for use in low frequency power amplifier applications pinning pin description 1 emitter 2 collector;connected to mounting base 3 base absolute maximum ratings(ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -60 v v ceo collector-emitter voltage open base -60 v v ebo emitter-base voltage open collector -6 v i c collector current -3 a i cm collector current-peak -8 a p c collector power dissipation t c =25 ?? 30 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-220) and symbol
inchange semiconductor product specification 2 silicon pnp power transistors 2SB1273 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-5ma ,r be = ?t -60 v v (br)cbo collector-base breakdown voltage i c =-1ma ,i e =0 -60 v v (br)ebo emitter-base breakdown voltage i e =-1ma ,i c =0 -6 v v cesat collector-emitter saturation voltage i c =-2a; i b =-0.2a -0.4 -1.0 v v be base-emitter on voltage i c =-0.5a ; v ce =-5v -0.8 -1.0 v i cbo collector cut-off current v cb =-40v; i e =0 -100 | a i ebo emitter cut-off current v eb =-4v; i c =0 -100 | a h fe-1 dc current gain i c =-0.5a ; v ce =-5v 70 280 h fe-2 dc current gain i c =-3a ; v ce =-5v 20 c ob output capacitance i e =0 ; v cb =-10v,f=1mhz 60 pf f t transition frequency i c =-0.5a ; v ce =-5v 100 mhz ? h fe-1 classifications q r s 70-140 100-200 140-280
inchange semiconductor product specification 3 silicon pnp power transistors 2SB1273 package outline fig.2 outline dimensions(unindicated tolerance: ? 0.10 mm)
|